Part Number Hot Search : 
PNZ7103 SMA6J14A KF448AV MIC5164 PDH2008 AKD4120 7422E 74VCX1
Product Description
Full Text Search
 

To Download SSR05105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR0508/5 SSR0509/5 SSR0510/5
5 AMP 80 100 VOLTS SCHOTTKY RECTIFIER
Designer's Data Sheet
FEATURES: * * * * * * * Extremely Low Forward Voltage Drop Low Reverse Leakage Hermetically Sealed Package Guard Ring for Overvoltage Protection Eutectic Die Attach 175C Operating Junction Temperature TX, TXV, or Space Level Screening Available
TO-5
MAXIMUM RATINGS
RATING
Peak Repetitive Reverse Voltage and DC Blocking Voltage SSR0508/5 SSR0509/5 SSR0510/5
SYMBOL
VRRM VRWM VR
VALUE
UNIT
80 90 100
Volts
Average Rectified Output Current (Resistive Load, 60Hz, Sine Wave, TA=25C) Peak Surge Current (8.3 ms Pulse, Half Sine Wave, superimposed on IO, allow junction to reach equilibrium between pulses, TA=25C) Operating and Storage Temperature Maximum Thermal Resistance 1/ Junction to Case
1/
IO IFSM
5 150
Amps Amps
TOP & TSTG
-65 to +175
C
RJC
7
C/W
Notes: 1/ For optimal performance, connect leads 1 & 2 (Anode) together.
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0187C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638 Phone: (562) 404-4474 * Fax: (562) 404-1773 ssdi@ssdi-power.com * www.ssdi-power.com
SSR0508/5 SSR0509/5 SSR0510/5
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
Instantaneous Forward Voltage Drop (IF = 1 Adc, TA = 25C, Pulse) (IF = 5 Adc, TA = 25C, Pulse) Instantaneous Forward Voltage Drop (IF = 5 Adc, TA = -55C, Pulse) Reverse Leakage Current (Rated VR, TA = 25C, Pulse) Reverse Leakage Current (Rated VR, TA = 100C, Pulse) Junction Capacitance (VR = 10 Vdc, TA = 25C, f = 1 MHz)
1/
SYMBOL
VF1 VF2 IR1 IR2 CJ
MAXIMUM
0.56 0.73 0.8 100 5 400
UNIT
Vdc Vdc A mA pF
Notes: 2/ VF as measured between pins 1 and 2 in common, within .100" from the case, and pin 3 directly at the case. Case Outline- TO-5 PIN OUT: PIN 1- ANODE PIN 2- ANODE PIN 3- CATHODE
NOTE: All specifications are subject to change without notification. SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0187C
DOC


▲Up To Search▲   

 
Price & Availability of SSR05105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X